Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3133 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN3133
Description  A real-time clock is a computer clock that keeps track of the current time
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3133 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN3133 Datasheet HTML 24Page - STMicroelectronics AN3133 Datasheet HTML 25Page - STMicroelectronics AN3133 Datasheet HTML 26Page - STMicroelectronics AN3133 Datasheet HTML 27Page - STMicroelectronics AN3133 Datasheet HTML 28Page - STMicroelectronics AN3133 Datasheet HTML 29Page - STMicroelectronics AN3133 Datasheet HTML 30Page - STMicroelectronics AN3133 Datasheet HTML 31Page - STMicroelectronics AN3133 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
RTC firmware API
AN3133
28/43
Doc ID 16956 Rev 5
9
RTC_TamperFilterConfig
Configures the Tampers Filter.
Yes
RTC_TamperSamplingFreqC
onfig
Configures the Tampers Sampling Frequency.
Yes
RTC_TamperPinsPrecharge
Duration
Configures the Tampers Pins input Precharge Duration.
Yes
RTC_TamperLevelConfig
Configures the Tamper Sensitive Level.
Yes
RTC_TamperCmd
Enables or disables the Tamper detection.
Yes
10
RTC_SynchroShiftConfig
Configures the Synchronization Shift Control Settings.
Yes
11
RTC_SmoothCalibConfig
Configures the Smooth Calibration Settings.
Yes
Table 17.
RTC function groups (continued)
Group
ID
Function name
Description
High
density
Medium
density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43