Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2869 Fiches technique(PDF) 41 Page - STMicroelectronics

No de pièce AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Fiches technique(HTML) 41 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 35Page - STMicroelectronics AN2869 Datasheet HTML 36Page - STMicroelectronics AN2869 Datasheet HTML 37Page - STMicroelectronics AN2869 Datasheet HTML 38Page - STMicroelectronics AN2869 Datasheet HTML 39Page - STMicroelectronics AN2869 Datasheet HTML 40Page - STMicroelectronics AN2869 Datasheet HTML 41Page - STMicroelectronics AN2869 Datasheet HTML 42Page - STMicroelectronics AN2869 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 43 page
background image
AN2869
Conclusion
Doc ID 15298 Rev 6
41/43
5
Conclusion
The layout and design of capacitive sensing boards usually present conflicts between all
signals present on the application. This document should be used as a general guideline for
resolving all issues. When the guideline recommendations cannot be followed, tests should
be performed to validate the implementation and verify the sensitivity and robustness of the
impacted channel.
To summarize, the layout of a touch sensing application should reduce the ground coupling
to a minimum and use short clean wires as far as possible from other potential interference
sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43