Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2869 Fiches technique(PDF) 40 Page - STMicroelectronics

No de pièce AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Fiches technique(HTML) 40 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 35Page - STMicroelectronics AN2869 Datasheet HTML 36Page - STMicroelectronics AN2869 Datasheet HTML 37Page - STMicroelectronics AN2869 Datasheet HTML 38Page - STMicroelectronics AN2869 Datasheet HTML 39Page - STMicroelectronics AN2869 Datasheet HTML 40Page - STMicroelectronics AN2869 Datasheet HTML 41Page - STMicroelectronics AN2869 Datasheet HTML 42Page - STMicroelectronics AN2869 Datasheet HTML 43Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 40 / 43 page
background image
Projected sensor design
AN2869
40/43
Doc ID 15298 Rev 6
Figure 35.
Potential false key detection
Avoiding false detection
Follow these recommendations to avoid false touchkey detection:
●
The Tx and Rx tracks should never cross each other; but if they do, it must be at a right
angle.
●
When the Rx and Tx tracks go in the same direction and to places that are close
together, it is better to separate them with a ground which has to be more than twice
the width of each signal track.
●
To further reduce the coupling between the Tx and Rx tracks, the Tx signal can run
under the ground, in this case even if Rx is near the ground, coupling should not
happen.
●
If the Rx track is behind the Tx track from a user point of view, the user cannot modify
the electrical field. Obviously, if Rx and Tx signals are too far apart, there will be no
interaction.
Furthermore, you can consider these general guidelines:
●
The Tx and Rx tracks must be as thin as possible.
●
The Rx tracks must be as far as possible from the touchkey.
●
When there are several touchkeys, it is better to keep all the Tx tracks together and all
the Rx tracks together, which greatly reduces any false touchkey detection.
MS18994V1
Panel
Rx trace
Tx trace
PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43