| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2869 Fiches technique(PDF) 19 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2869 Fiches technique(HTML) 19 Page - STMicroelectronics |
|
19 / 43 page ![]() AN2869 Surface electrode design Doc ID 15298 Rev 6 19/43 3.2 Touchkey matrix sensor To extend the number of touchkeys, it is possible to implement the touchkey using a matrix arrangement. For further information, please refer to AN3236. Figure 12. Simple matrix implementation Hardware recommendations: ● Touching one key may induce sufficient capacitance change on other channels ● Special care must be taken to avoid – Imbalanced electrodes – Columns and lines electrodes tracks too close in the user touchable area MS18975V1 CH1 CH2 CH3 K1 K2 K3 CH4 K4 K5 K6 CH5 K7 K8 K9 CH6 K10 K11 K12 CH7 = keys pressed |