Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2869 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce AN2869
Description  Guidelines for designing touch sensing applications
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2869 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button AN2869 Datasheet HTML 25Page - STMicroelectronics AN2869 Datasheet HTML 26Page - STMicroelectronics AN2869 Datasheet HTML 27Page - STMicroelectronics AN2869 Datasheet HTML 28Page - STMicroelectronics AN2869 Datasheet HTML 29Page - STMicroelectronics AN2869 Datasheet HTML 30Page - STMicroelectronics AN2869 Datasheet HTML 31Page - STMicroelectronics AN2869 Datasheet HTML 32Page - STMicroelectronics AN2869 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 43 page
background image
AN2869
Surface electrode design
Doc ID 15298 Rev 6
29/43
Figure 23.
Spring and foam picture (both are not compressed)
3.5.4
PCB and layout
Sensor track length and width
The parasitic capacitance of a track depends on its length and its width. Besides that, a long
track can create an antenna effect which may couple noise. So, the main rule to keep in
mind is that the shorter and thinner the track is, the smaller the parasitic capacitance.
It is recommended to route the tracks as thin as the PCB technology allows and shorter than
10 cm for standard or flexible PCBs.
Sensor track routing
The main goal, when laying out the PCB, should be to minimize the interactions between
elements or, if they cannot be minimized, to make them uniform for all capacitive elements.
Although the touch sensing controller algorithms, used to acquire touchkey, linear sensor
and rotary sensor signals, take into account that the capacitance of each array is different, it
is good practice to keep things as balanced as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43