| Moteur de recherche de fiches techniques de composants électroniques |
|
AN2869 Fiches technique(PDF) 32 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2869 Fiches technique(HTML) 32 Page - STMicroelectronics |
|
32 / 43 page ![]() Surface electrode design AN2869 32/43 Doc ID 15298 Rev 6 Figure 25. Ground plane example Hatched ground plane Here are some guidelines for satisfactorily designing an application with a hatched ground plane (see Figure 26): ● The signal track should cross the ground lines as little as possible ● The signal track should never follow the ground lines Figure 26. Hatched ground and signal tracks 3.5.7 Rotary and linear sensor recommendations Given that the sensitivity must be very high in order to be able to detect the position most accurately, neither the power plane nor any application signal should run under a rotary or linear sensor. MS18981V1 GPIO1 Key1 Key2 Key4 Key3 Rx Rx Rx Rx GPIO2 GPIO3 GPIO4 CS Hatched ground plane (optional) Flood ground plane (mandatory) MS18982V1 Must be avoided Track is OK |