Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2646 Fiches technique(PDF) 37 Page - STMicroelectronics

No de pièce AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Fiches technique(HTML) 37 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 33Page - STMicroelectronics AN2646 Datasheet HTML 34Page - STMicroelectronics AN2646 Datasheet HTML 35Page - STMicroelectronics AN2646 Datasheet HTML 36Page - STMicroelectronics AN2646 Datasheet HTML 37Page - STMicroelectronics AN2646 Datasheet HTML 38Page - STMicroelectronics AN2646 Datasheet HTML 39Page - STMicroelectronics AN2646 Datasheet HTML 40Page - STMicroelectronics AN2646 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 43 page
background image
AN2646 - Application note
Smartcard interface example
37/43
7.2
Firmware description
Figure 11. Smartcard software example flowchart
Three directories have been defined for the GSM smartcard directory tree:
MasterRoot[3]={0x3F, 0x00};
GSMDir[3]={0x7F, 0x20};
TelecomDir[3]={0x7F, 0x10};
Configure the Multiplexer
Smartcard detected
No
Initialization
Yes
Power On
Power Command
Power On
Power Off
Reset card and
Decode Answer
Power Off
Disable smartcard interface
Answer received
Smartcard Active on T0 protocol
Protocol type Selection configuration
Select Master File and get Reponse
Select and read ICCID File
Select GSMDir Folder
Select the IMSI File
wait for Answer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43