Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2646 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 24Page - STMicroelectronics AN2646 Datasheet HTML 25Page - STMicroelectronics AN2646 Datasheet HTML 26Page - STMicroelectronics AN2646 Datasheet HTML 27Page - STMicroelectronics AN2646 Datasheet HTML 28Page - STMicroelectronics AN2646 Datasheet HTML 29Page - STMicroelectronics AN2646 Datasheet HTML 30Page - STMicroelectronics AN2646 Datasheet HTML 31Page - STMicroelectronics AN2646 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
Smartcard interface library: description
AN2646 - Application note
28/43
Figure 10.
State machine for smartcard operation
SC_ADPU_Commands
The SC_APDU_Commands structure is defined in the smartcard.h file:
typedef struct
{
SC_Header Header;
SC_Body Body;
} SC_ADPU_Commands;
●
Header
Specifies the APDU command header. It is of the SC_Header type, which is defined in
the smartcard.h file:
typedef struct
{
u8 CLA;
/* Command class */
u8 INS;
/* Operation code */
u8 P1;
/* Selection Mode */
u8 P2;
/* Selection Option */
} SC_Header;
●
CLA
Specifies the class designation of the command set to establish a collection of
instructions.
●
INS
Specifies a specific instruction from within the set of instructions.
●
P1
Specifies the addressing used by the [CLA, INS] instruction.
●
P2
Specifies the addressing used by the [CLA, INS] instruction.
●
Body
Specifies the APDU command body. It is of the SC_Body type, which is defined in the
smartcard.h file:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43