Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2646 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 29Page - STMicroelectronics AN2646 Datasheet HTML 30Page - STMicroelectronics AN2646 Datasheet HTML 31Page - STMicroelectronics AN2646 Datasheet HTML 32Page - STMicroelectronics AN2646 Datasheet HTML 33Page - STMicroelectronics AN2646 Datasheet HTML 34Page - STMicroelectronics AN2646 Datasheet HTML 35Page - STMicroelectronics AN2646 Datasheet HTML 36Page - STMicroelectronics AN2646 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
AN2646 - Application note
Smartcard interface library: description
33/43
SC_ADPU.Body.Data[i++] = 0;
}
SC_ADPU.Body.LE = SC_Responce.SW2;
SC_Handler(&SCState, &SC_ADPU, &SC_Responce);
●
SCState: It stores the current smartcard state.
●
SC_Response->SW1 and SC_Response->SW2: they return the smartcard response
to the SC_GET_RESPONSE command.
●
SC_Response->Data: It returns the smartcard data response to the
SC_GET_RESPONSE command.
6.3.4
SC_READ_BINARY
SC_ADPU.Header.CLA = SC_CLA;
SC_ADPU.Header.INS = SC_READ_BINARY;
SC_ADPU.Header.P1 = OFFSET_MSB;
SC_ADPU.Header.P2 = OFFSET_LSB;
SC_ADPU.Body.LC = 0x00;
while(i < LCmax)
{
SC_ADPU.Body.Data[i++] = 0;
}
SC_ADPU.Body.LE = LENGTH;
SC_Handler(&SCState, &SC_ADPU, &SC_Responce);
●
SCState: It stores the current smartcard state.
●
OFFSET_MSB: Most significant byte of offset for reading data.
●
OFFSET_LSB: Least significant byte of offset for reading data.
●
LENGTH: It contains size (in byte) of the area to read (valid only for the elementary
file).
●
SC_Response->Data: It returns the smartcard data to read.
●
SC_Response->SW1 and SC_Response->SW2: they return the smartcard response
to the SC_READ_BINARY command.
6.3.5
SC_CREATE_FILE
SC_ADPU.Header.CLA = SC_CLA;
SC_ADPU.Header.INS = SC_CREATE_FILE;
SC_ADPU.Header.P1 = 0x00;
SC_ADPU.Header.P2 = 0x00;
SC_ADPU.Body.LC = 0x10;
for(i = 0; i < SC_ADPU.Body.LC; i++)
{
SC_ADPU.Body.Data[i] = FileParameters[i];
}
while(i < LCmax)
{
SC_ADPU.Body.Data[i++] = 0;
}
SC_ADPU.Body.LE = 0;
SC_Handler(&SCState, &SC_ADPU, &SC_Responce);



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43