Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2646 Fiches technique(PDF) 30 Page - STMicroelectronics

No de pièce AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Fiches technique(HTML) 30 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 26Page - STMicroelectronics AN2646 Datasheet HTML 27Page - STMicroelectronics AN2646 Datasheet HTML 28Page - STMicroelectronics AN2646 Datasheet HTML 29Page - STMicroelectronics AN2646 Datasheet HTML 30Page - STMicroelectronics AN2646 Datasheet HTML 31Page - STMicroelectronics AN2646 Datasheet HTML 32Page - STMicroelectronics AN2646 Datasheet HTML 33Page - STMicroelectronics AN2646 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 43 page
background image
Smartcard interface library: description
AN2646 - Application note
30/43
6.2.2
SC_PowerCmd
Example:
/* Power ON the card */
SC_PowerCmd(ENABLE);
6.2.3
SC_Reset
Example:
/* Set the smartcard reset pin */
SC_Reset(Bit_SET);
Function name
SC_PowerCmd
Function prototype
void SC_PowerCmd(FunctionalState NewState);
Behavior description
Enables or disables the power to the smartcard.
Input parameter
NewState: new state of the smartcard power supply. This parameter
can be: ENABLE or DISABLE.
Output parameter
None
Return parameter
None
Required preconditions
None
Called functions
None
Function name
SC_Reset
Function prototype
void SC_Reset(BitAction ResetState);
Behavior description
Sets or clears the smartcard reset pin.
Input parameter
ResetState: this parameter specifies the state of the smartcard reset pin.
BitVal must be one of the BitAction enum values:
Bit_RESET: to clear the port pin.
Bit_SET: to set the port pin.
Output parameter
None
Return parameter
None
Required preconditions
None
Called functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43