Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN2646 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN2646
Description  Smartcard interface with the STM8S microcontroller
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2646 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN2646 Datasheet HTML 28Page - STMicroelectronics AN2646 Datasheet HTML 29Page - STMicroelectronics AN2646 Datasheet HTML 30Page - STMicroelectronics AN2646 Datasheet HTML 31Page - STMicroelectronics AN2646 Datasheet HTML 32Page - STMicroelectronics AN2646 Datasheet HTML 33Page - STMicroelectronics AN2646 Datasheet HTML 34Page - STMicroelectronics AN2646 Datasheet HTML 35Page - STMicroelectronics AN2646 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 43 page
background image
Smartcard interface library: description
AN2646 - Application note
32/43
6.3
How to send APDU commands to the smartcard
A detailed description on how to use the SC_Handler( ) function to send the ADPU
command to the smartcard and retrieve the card response is described below. The user has
to update the SC_CLA and the smartcard instruction values according to the smartcard
specifications.
6.3.1
SC_GET_A2R
SC_ADPU.Header.CLA = 0x00;
SC_ADPU.Header.INS = SC_GET_A2R;
SC_ADPU.Header.P1 = 0x00;
SC_ADPU.Header.P2 = 0x00;
SC_ADPU.Body.LC = 0x00;
while(SCState != SC_ACTIVE_ON_T0)
{
SC_Handler(&SCState, &SC_ADPU, &SC_Responce);
}
●
SCState: It stores the current smartcard state.
●
SC_ATR_Table: Pointer to an array (filled in by the SC_Handler function) that
contains the smartcard ATR frame.
6.3.2
SELECT_FILE
SC_ADPU.Header.CLA = SC_CLA;
SC_ADPU.Header.INS = SC_SELECT_FILE;
SC_ADPU.Header.P1 = 0x00;
SC_ADPU.Header.P2 = 0x00;
SC_ADPU.Body.LC = 0x02;
for(i = 0; i < SC_ADPU.Body.LC; i++)
{
SC_ADPU.Body.Data[i] = FileName[i];
}
while(i < LCmax)
{
SC_ADPU.Body.Data[i++] = 0;
}
SC_ADPU.Body.LE = 0;
SC_Handler(&SCState, &SC_ADPU, &SC_Responce);
●
FileName: It contains the 16 bit file identifier.
●
SCState: It stores the current smartcard state.
●
SC_Response->SW1 and SC_Response->SW2: they return the smartcard response
to the SC_SELECT_FILE command.
6.3.3
SC_GET_RESPONSE
SC_ADPU.Header.CLA = SC_CLA;
SC_ADPU.Header.INS = SC_GETRESPONSE;
SC_ADPU.Header.P1 = 0x00;
SC_ADPU.Header.P2 = 0x00;
SC_ADPU.Body.LC = 0x00;
i = 0;
while(i < LCmax)
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43