Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD6708 Fiches technique(PDF) 59 Page - NEC

No de pièce UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD6708 Fiches technique(HTML) 59 Page - NEC

Back Button UPD6708 Datasheet HTML 55Page - NEC UPD6708 Datasheet HTML 56Page - NEC UPD6708 Datasheet HTML 57Page - NEC UPD6708 Datasheet HTML 58Page - NEC UPD6708 Datasheet HTML 59Page - NEC UPD6708 Datasheet HTML 60Page - NEC UPD6708 Datasheet HTML 61Page - NEC UPD6708 Datasheet HTML 62Page - NEC UPD6708 Datasheet HTML 63Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 72 page
background image
59
µPD6708
8.3.5
Master reception processing routine
This processing routine is used when the master unit receive data, slave status and lock address after execution of the
MREQ1 or MREQ2 command.
One of four different routines is executed depending on the contents of the return code.
(1)
Processing in case of master reception start return code (4H)
Start
Mre
← 1
Read RDB
Read RDB
Read RDB
Normal end
Read slave address (higher 8 bits).
Read slave address (lower 4 bits)
and control bits.
Read number of master receive data bytes.
N3
←
Number of master
receive data bytes
Set master reception flag (Mre).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72