Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPD6708 Fiches technique(PDF) 48 Page - NEC

No de pièce UPD6708
Description  IEBusa Inter Equipment Busa PROTOCOL CONTROL LSI
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NEC [NEC]
Site Internet  http://www.nec.com/
Logo NEC - NEC

UPD6708 Fiches technique(HTML) 48 Page - NEC

Back Button UPD6708 Datasheet HTML 44Page - NEC UPD6708 Datasheet HTML 45Page - NEC UPD6708 Datasheet HTML 46Page - NEC UPD6708 Datasheet HTML 47Page - NEC UPD6708 Datasheet HTML 48Page - NEC UPD6708 Datasheet HTML 49Page - NEC UPD6708 Datasheet HTML 50Page - NEC UPD6708 Datasheet HTML 51Page - NEC UPD6708 Datasheet HTML 52Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 72 page
background image
48
µPD6708
8.
EXAMPLE OF HOST CONTROLLER PROCESSING FLOW
This chapter presents an example of the host controller processing flow for controlling the
µPD6708 via the serial interface
(SCK, SO, and SI pins).
The host controller processing flow comprises the following routines.
• Main routine
• Interrupt service routine
8.1
Main Routine
Note
The equipment control routine is a routine which performs host controller application processing. When controlling
the
µPD6708, set the Crq flag when there is a command request.
See 8.3.1
Start
Equipment initialization
PD6708
initialization routine
µ
Crq Note
1
0
Command processing
routine
Equipment control routine Note
See 8.3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72