| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD6708 Fiches technique(PDF) 52 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6708 Fiches technique(HTML) 52 Page - NEC |
|
52 / 72 page ![]() 52 µPD6708 (2) MREQ1 command When MSB of the control bits is 1 (master transmission) Start Read STR WDB empty? Write to WDB Write to WDB Write to WDB Normal end EXIT N Y Set broadcast bits and control bits. Set number of master transmit data bytes. Set master transmit data (first byte). Write to WDB N1 ← (Number of master transmit data bytes) – 2 Write to CMR Set master transmit data (second byte). Set command code (2H). |