| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD6708 Fiches technique(PDF) 41 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6708 Fiches technique(HTML) 41 Page - NEC |
|
41 / 72 page ![]() 41 µPD6708 (2) Slave transmission After execution of the SETSD command, the order of generation of slave transmission return codes is as shown in Figure 6-2. Figure 6-2. Return Code Generation Order in Slave Transmission The minimum generation intervals for return codes in slave transmission are shown below. Table 6-6. Minimum Generation Intervals for Return Codes in Slave Transmission ( µs) Time Mode 0 Mode 1 Mode 2 T1 Approx. 1580 Approx. 400 Approx. 290 T2 Approx. 10 Approx. 10 Approx. 10 T3 Approx. 7290 Approx. 2050 Approx. 1550 (3) Master reception After execution of the MREQ1 or MREQ2 command, the order of generation of master reception returns codes is as shown in Figure 6-3. Figure 6-3. Return Code Generation Order in Master Reception The minimum generation intervals for return codes in master transmission are shown below. Master Reception Start (Return Code : 0100) Master Receive Buffer Full (Return Code : 0101) T3 New communication return codes • Slave reception start (Return code : 1000) • Broadcast reception start (Return code : 1100) etc. T1 T2 Termination During Master Reception (Return Code : 0111) T3 Master Reception Normal Termination (Return Code : 0110) Termination During Master Reception (Return Code : 0111) T2 T1 Master Receive Buffer Full (Return Code : 0101) Master Reception Normal Termination (Return Code : 0110) Termination During Master Reception (Return Code : 0111) T4 T4 T4 T4 T4 Transmission Start (Return Code : 0000) Transmission Normal Termination (Return Code : 0010) Termination During Transmission (Return Code : 0011) T3 T3 New communication return codes • Slave reception start (Return code : 1000) • Broadcast reception start (Return code : 1100) etc. T1 T2 |