| Moteur de recherche de fiches techniques de composants électroniques |
|
UPD6708 Fiches technique(PDF) 55 Page - NEC |
|
|
|||||||||||||||||||||||||||||
UPD6708 Fiches technique(HTML) 55 Page - NEC |
|
55 / 72 page ![]() 55 µPD6708 (7) SETSD command Start Read STR WDB empty? Write to WDB Write to WDB Write to WDB Normal end EXIT N Y Set number of slave transmit data bytes. Set slave transmit data (first byte). Set slave transmit data (second byte). Write to WDB N2 ← (Number of slave transmit data bytes) – 3 Write to CMR Set slave transmit data (third byte). Set command code (5H). Slave transmission timer setting If the slave data transmission processing shown in 8.3.4 cannot be completed because control bits (3H, 7H) requesting slave data transmission were not received from the master unit within the prescribed time, an ABORT command is executed and slave data transmission is exited. |