| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1830 Fiches technique(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1830 Fiches technique(HTML) 2 Page - STMicroelectronics |
|
2 / 15 page ![]() 2/15 ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC Figure 1 ADC Block Diagram 2.1.1 ADC Registers The ADC functionality is driven using 3 main registers ADCCSR, ADCDRH and ADCDRL. These are described below. CONTROL/STATUS REGISTER (ADCCSR) This is a read/write register used to: - Select the analog input channel by using bits CH[2:0] - Turn the ADC ON / OFF (ADON) - Select the ADC clock speed (SPEED) - Obtain the status of conversion complete cycle (EOC) 7 0 EOC SPEED ADON 0 0 CH2 CH1 CH0 CH2 CH1 EOC SPEED ADON 0 CH0 ADCCSR AIN0 AIN1 ANALOG TO DIGITAL CONVERTER AINx ANALOG MUX D4 D3 D5 D9 D8 D7 D6 D2 ADCDRH 3 D1 D0 ADCDRL 00 0 AMP SLOW AMP 0 RADC CADC HOLD CONTROL x 1 or x 8 AMPSEL bit SEL fADC fCPU 0 1 1 0 DIV 2 DIV 4 SLOW bit CAL 2 |