| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1830 Fiches technique(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1830 Fiches technique(HTML) 11 Page - STMicroelectronics |
|
11 / 15 page ![]() 11/15 ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC 4.1 SOFTWARE FLOW In software, firstly the AMPCAL and AMPSEL bits are set. Then the ADC is sampled for a de- fined number of times and averaged. This output is then stored in EEPROM as an offset. This is then used in a program to get precise ADC output by subtracting it from subsequent ADC samples (Refer to Figure 7). A total of 100 readings are taken and stored in EEPROM for the same analog input. And each reading has a result of 25 averaged samples + offset compensation. These are to allow you to compare it directly with respect to analog input. However, the samples to be taken depend on the application so it is user-configurable. This can be changed by using the “no_of_sample” value in software. |