Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1830 Fiches technique(PDF) 14 Page - STMicroelectronics

No de pièce AN1830
Description  ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1830 Fiches technique(HTML) 14 Page - STMicroelectronics

Back Button AN1830 Datasheet HTML 7Page - STMicroelectronics AN1830 Datasheet HTML 8Page - STMicroelectronics AN1830 Datasheet HTML 9Page - STMicroelectronics AN1830 Datasheet HTML 10Page - STMicroelectronics AN1830 Datasheet HTML 11Page - STMicroelectronics AN1830 Datasheet HTML 12Page - STMicroelectronics AN1830 Datasheet HTML 13Page - STMicroelectronics AN1830 Datasheet HTML 14Page - STMicroelectronics AN1830 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
14/15
ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
6 REFERENCES
To find out more about different ADC errors and compensating techniques, refer to the fol-
lowing application notes available on http://www.st.com
AN1711: Software Techniques for compensating ST7 ADC Errors
AN1636: Understanding and minimizing ADC conversion errors
7 EXAMPLE SOFTWARE
The complete software can be found on the ST Internet website in a zipped file format. It is in-
tended for use only as an example. It is up to you to adapt it to your specific application re-
quirements.
The source file is for guidance only. STMicroelectronics shall not be held liable for any direct,
indirect or consequential damages with respect to any claims arising from use of this software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15