Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1830 Fiches technique(PDF) 12 Page - STMicroelectronics

No de pièce AN1830
Description  ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1830 Fiches technique(HTML) 12 Page - STMicroelectronics

Back Button AN1830 Datasheet HTML 7Page - STMicroelectronics AN1830 Datasheet HTML 8Page - STMicroelectronics AN1830 Datasheet HTML 9Page - STMicroelectronics AN1830 Datasheet HTML 10Page - STMicroelectronics AN1830 Datasheet HTML 11Page - STMicroelectronics AN1830 Datasheet HTML 12Page - STMicroelectronics AN1830 Datasheet HTML 13Page - STMicroelectronics AN1830 Datasheet HTML 14Page - STMicroelectronics AN1830 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12/15
ACHIEVING HIGH ACCURACY AND 13-BIT RESOLUTION WITH ST7LITE2 ADC
Figure 7 Software Flow
Please refer to Table 5 This represents ADC data with and without filtering in addition to data
before and after offset compensation. It shows that the ADC is highly accurate provided care
is taken to reduce application noise, as the resolution of ADC is 13-bit.
Save “Avg” as an offset
in EEPROM
yes
Take “N” (=25) ADC
.
Initialize variables
Initialize ADC in “Offset
calibration” mode
samples & find out “Avg.”
Select AIN0 with Amplifier
ON
CNT > 100?
Take “N” (=25) ADC
samples & find out “Avg.”
ADC CNT = Avg - Offset
Store Avg. as ADC out-
put in EEPROM
no
(Offset compensation)
END
START
CNT = 0
CNT = CNT + 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15