| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1709 Fiches technique(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1709 Fiches technique(HTML) 37 Page - STMicroelectronics |
|
37 / 38 page ![]() 37/38 EMC DESIGN GUIDE FOR ST MICROCONTROLLERS 5 CONCLUSION For any microcontroller application, EMC requirements must be considered at the very begin- ning of the development project. Standards, features and parameters given in ST Microcon- troller datasheets will help the system designer to determine the most suitable component for a given application. Hardware and firmware precautions have to be taken to optimize EMC and system stability. |