| Moteur de recherche de fiches techniques de composants électroniques |
|
AN1709 Fiches technique(PDF) 29 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN1709 Fiches technique(HTML) 29 Page - STMicroelectronics |
|
29 / 38 page ![]() 29/38 EMC DESIGN GUIDE FOR ST MICROCONTROLLERS 3.2.2.2 Internal Voltage Regulators (for MCUs with low power core). An internal Voltage Regulator is used to power some ST Microcontrollers Cores starting from the external power supply. The Voltage Regulator reduces EMI due to the MCU Core with 2 effects: – Lower CPU Supply Voltage – Isolate CPU Supply from external MCU supplies. 3.2.3 Output I/O Current limitation & edge timing control Output buffers are embedded in ST Microcontrollers, their switching speed is controlled in order to avoid parasitic oscillations when they are switched. The MCU design makes a trade- off between noise and speed. |