Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1709 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 27Page - STMicroelectronics AN1709 Datasheet HTML 28Page - STMicroelectronics AN1709 Datasheet HTML 29Page - STMicroelectronics AN1709 Datasheet HTML 30Page - STMicroelectronics AN1709 Datasheet HTML 31Page - STMicroelectronics AN1709 Datasheet HTML 32Page - STMicroelectronics AN1709 Datasheet HTML 33Page - STMicroelectronics AN1709 Datasheet HTML 34Page - STMicroelectronics AN1709 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
31/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
Figure 18. PCB Board Oscillator Layout Examples
The reduction of inductance can be obtained by making the lengths and surfaces of the track
smaller. This can be obtained by placing the track loops closer on the same PCB layer or on
top of one another (Figure 19.). The resulting loop area is small and the electromagnetic fields
reduce one another.
The ratio in order of magnitude relating to the inductance value and the area defined by the
wire loop is around 10nH/cm2. Typical examples of low inductivity wires are coaxial, twisted
pair cables or multiple layer PCBs with one ground and one supply layers. The current density
in the track can also be smaller due to track enlargement or the paralleling of several small ca-
pacitances mounted in the current flow.
In critical cases, the distance between the MCU and the PCB, and therefore the surfaces of
the loops between an MCU and its environment, has also to be minimized. This can be
achieved by removing any socket between the MCU package and the PCB, by replacing a ce-
ramic MCU package by a plastic one or by using Surface Mounting instead of Dual In Line
packages.
Note: Board vias are inductances. Try to avoid them. If needed, use multi vias.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38