Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1709 Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 12Page - STMicroelectronics AN1709 Datasheet HTML 13Page - STMicroelectronics AN1709 Datasheet HTML 14Page - STMicroelectronics AN1709 Datasheet HTML 15Page - STMicroelectronics AN1709 Datasheet HTML 16Page - STMicroelectronics AN1709 Datasheet HTML 17Page - STMicroelectronics AN1709 Datasheet HTML 18Page - STMicroelectronics AN1709 Datasheet HTML 19Page - STMicroelectronics AN1709 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
16/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
2.2.2 EMI level classification
The EMI classifications are directly based on the absolute frequency and amplitude of the
emitted noise. Several international norms exist, based on different measurement methodolo-
gies, or emission levels, but the classification principle remains the same.
The standardized diagram (see Figure 9.) is useful to get a synthesis and a classification of
EMI results, according to a standard framework. Each ST microcontroller EMI result is classi-
fied according to 4 SAE levels.
Figure 9. EMI level classification:
Below is the potential risk associated with each EMI level:
_ higher than 4. high risk due to EMI level.
_ Level 4. may require cost for EMI compliance.
_ Level 3. moderate EMI risk.
_ Level 2. minimal EMI risk.
Table 10 shows how EMI test results are presented in ST datasheets.
Table 10. Example of EMI results
for ST72F521
To give a synthetic view of the emission spectrum, the highest emission level of 3 ranges of
frequency is indicated. EMI data are provided with relevant information such as the device
package and CPU frequency.
dbu V
60
40
30
20
10
0
-20
0.1
1
10
30
100
1000
MHz
Level 4
Level 3
Level 2
Level 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38