Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN1709 Fiches technique(PDF) 35 Page - STMicroelectronics

No de pièce AN1709
Description  EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1709 Fiches technique(HTML) 35 Page - STMicroelectronics

Back Button AN1709 Datasheet HTML 30Page - STMicroelectronics AN1709 Datasheet HTML 31Page - STMicroelectronics AN1709 Datasheet HTML 32Page - STMicroelectronics AN1709 Datasheet HTML 33Page - STMicroelectronics AN1709 Datasheet HTML 34Page - STMicroelectronics AN1709 Datasheet HTML 35Page - STMicroelectronics AN1709 Datasheet HTML 36Page - STMicroelectronics AN1709 Datasheet HTML 37Page - STMicroelectronics AN1709 Datasheet HTML 38Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
35/38
EMC DESIGN GUIDE FOR ST MICROCONTROLLERS
Figure 21. Grounding the Human Body
(1) Wrist ring
(2) Grounding wire: threaded copper wire, vinyl covered, about 1 meter
(3) 250 KW to 1 MW resistance is built in
Device handling:
Static control wrist straps, used and connected properly, must be worn.
All tools, persons, testing machines, which could come in contact with device leads, must be
conductive and grounded. Each tabletop must be protected with a conductive mat, properly
grounded. Use static control shoe strap. Use vacuum pipes.
Storage box:
Keep parts in the original packing bags up to the very last moment of the production line.
If bigger containers are used for in-plant transport of devices or PC boards, they must be elec-
trically conductive like the carbon-loaded types. Avoid use of high dielectric materials (like pol-
ystyrene) for sub-assembly construction, storing, and transportation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38