| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1483 Fiches technique(PDF) 33 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1483 Fiches technique(HTML) 33 Page - STMicroelectronics |
|
33 / 35 page ![]() UM1483 Ordering information Doc ID 022398 Rev 1 33/35 9 Ordering information The demonstration board is available through the standard ordering system, the ordering code is: STEVAL-IHM036V1. The items delivered include the assembled demonstration board, board documentation, and PCB fabrication data, such as Gerber files, assembly files (pick and place), component documentation, and firmware with commented source code. 10 Conclusion This document describes a low power 3-phase motor control STEVAL-IHM036V1 demonstration board based on the SLLIMM™ module STGIPN3H60 and STM32F100C6T6B MCU as a universal and adaptable motor control platform for low power, single-phase supply applications. |