Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1483 Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 24Page - STMicroelectronics UM1483 Datasheet HTML 25Page - STMicroelectronics UM1483 Datasheet HTML 26Page - STMicroelectronics UM1483 Datasheet HTML 27Page - STMicroelectronics UM1483 Datasheet HTML 28Page - STMicroelectronics UM1483 Datasheet HTML 29Page - STMicroelectronics UM1483 Datasheet HTML 30Page - STMicroelectronics UM1483 Datasheet HTML 31Page - STMicroelectronics UM1483 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Bill of material
UM1483
28/35
Doc ID 022398 Rev 1
7
Bill of material
A list of components used to build the demonstration board is shown in Table 6. The majority
of the active components used are available from STMicroelectronics.
Table 6.
Bill of material
Reference
Value / part number
Manufacturer
Manufacturer code
C1, C6
4.7 nF/Y2
EPCOS
B32021A3472M
C2, C4
330 nF/X2
EPCOS
B32922C3334M
C3
220 nF/X2
EPCOS
B32922C3224M
C5
100
μF/400 V
EPCOS
B43505A9107M000
C7, C31
10 nF
Any
C8, C9, C11, C12, C13,
C19, C26, C37, C40,
C42
100 nF
Any
C10, C14
22
μF/6.3 V
Any
C15
47 nF
Any
C16
150 nF
Any
C17
1
μF/400 V
Any
C18
1
μF/50 V
Any
C20
100
μF/25 V
Panasonic
EEEFC1E101AP
C21, C22, C23, C25,
C28, C29
1
μF/50 V
Any
C24
4.7
μF/25 V
Panasonic
EEE1EA4R7SR
C27
330 pF
Any
C30
2.2 nF
Any
C32
100 pF
Any
C33
33 pF
Any
C34
22 nF
Any
C35
68 nF
Any
C36, C38
30 pF
Any
C39
6.8
μF/10 V
Any
SW2, SW3, R38, R39,
R40, R41, C41, R42
Not assembled
D1, D2, D4, D5
1N4007SMD
Any
D6, D7
STTH1L06A
STMicroelectronics
STTH1L06A
D3, D10
BAT48JFILM
STMicroelectronics
BAT48JFILM
D8
BZV55C18SMD
Any
D9
LED green
Any



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35