| Moteur de recherche de fiches techniques de composants électroniques |
|
UM1483 Fiches technique(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM1483 Fiches technique(HTML) 27 Page - STMicroelectronics |
|
27 / 35 page ![]() UM1483 Description of STEVAL-IHM036V1 connections Doc ID 022398 Rev 1 27/35 6 Description of STEVAL-IHM036V1 connections Table 5 gives a detailed description of the test pins used. Connector placement A basic description of the placement of all connectors on the board is visible in Figure 11. Figure 11. STEVAL-IHM036V1 connector placement Table 5. Test pins description Number Description TP1 15 VDC - auxiliary supply voltage TP2 3.3 VDC - auxiliary supply voltage for MCU TP3 GND TP4 Current signal on the ADC1_IN0 TP5 Signal on input of overcurrent comparator TP6 MC emergency STOP TP7 DAC1_OUT TP8 DAC2_OUT |