Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1483 Fiches technique(PDF) 17 Page - STMicroelectronics

No de pièce UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Fiches technique(HTML) 17 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 13Page - STMicroelectronics UM1483 Datasheet HTML 14Page - STMicroelectronics UM1483 Datasheet HTML 15Page - STMicroelectronics UM1483 Datasheet HTML 16Page - STMicroelectronics UM1483 Datasheet HTML 17Page - STMicroelectronics UM1483 Datasheet HTML 18Page - STMicroelectronics UM1483 Datasheet HTML 19Page - STMicroelectronics UM1483 Datasheet HTML 20Page - STMicroelectronics UM1483 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
UM1483
Board description
Doc ID 022398 Rev 1
17/35
Figure 7.
Overcurrent protection based on STGIPN3H60
3.3.6
Single-shunt current sensing amplifying network
The STEVAL-IHM036V1 motor control demonstration board is configured to run in single-
shunt current reading configuration modes which is suitable for using field-oriented control
(FOC).
Current sensing networks were the chosen configurations with the shunt resistor together
with an amplifying measured voltage with an operational amplifier integrated into the
SLLIMM™ module STGIPN3H60.
Details of the FOC current sensing reading configuration are shown in Figure 8. In this
configuration, the alternating signal on the shunt resistor, with positive and negative values,
must be converted to be compatible with the single positive input of the microcontroller A-D
converter used to read the current value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35