Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM1483 Fiches technique(PDF) 19 Page - STMicroelectronics

No de pièce UM1483
Description  Low power motor control board STEVAL-IHM036V1
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1483 Fiches technique(HTML) 19 Page - STMicroelectronics

Back Button UM1483 Datasheet HTML 15Page - STMicroelectronics UM1483 Datasheet HTML 16Page - STMicroelectronics UM1483 Datasheet HTML 17Page - STMicroelectronics UM1483 Datasheet HTML 18Page - STMicroelectronics UM1483 Datasheet HTML 19Page - STMicroelectronics UM1483 Datasheet HTML 20Page - STMicroelectronics UM1483 Datasheet HTML 21Page - STMicroelectronics UM1483 Datasheet HTML 22Page - STMicroelectronics UM1483 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
UM1483
Board description
Doc ID 022398 Rev 1
19/35
Figure 8.
Single-shunt FOC network
3.3.7
Temperature feedback
Temperature feedback is implemented on the STEVAL-IHM036V1 demonstration board.
This feature fully protects the IPM module against damage when the temperature on the
junction on the IPM overruns a defined value. The temperature is sensed through an NTC
resistor RT1. The measured signal is fed to the MCU control unit to be read with an A-D
converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35