Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN320 Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce AN320
Description  In the field of parallel protection, the devices used have two main functions in transient operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN320 Fiches technique(HTML) 5 Page - STMicroelectronics

  AN320 Datasheet HTML 1Page - STMicroelectronics AN320 Datasheet HTML 2Page - STMicroelectronics AN320 Datasheet HTML 3Page - STMicroelectronics AN320 Datasheet HTML 4Page - STMicroelectronics AN320 Datasheet HTML 5Page - STMicroelectronics AN320 Datasheet HTML 6Page - STMicroelectronics AN320 Datasheet HTML 7Page - STMicroelectronics AN320 Datasheet HTML 8Page - STMicroelectronics AN320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AN320
Trisil characteristics
Doc ID 5649 Rev 3
5/13
1.3
Limiting property
Because of its operating mode, the Trisil results in absolute voltage limitation, independently
of the surge current level, Figure 6 and of the slope of the applied voltage ramp (see
Figure 7).
Figure 6.
Correlation between the voltage and the surge current
Figure 7.
Correlation between the limiting voltage and the surge voltage ramp
In particular, if the surge current is higher than the guaranteed value in the catalogue,
without however exceeding the physical limits of the component, the voltage across a Transil
could reach the critical value destroying the equipment to be protected. For a Trisil, this risk
is excluded.
Finally, for a surge current much higher than the guaranteed value, destruction of the Trisil
always results in a short-circuit thus providing absolute protection for the equipment located
downstream.
IPP
VCL
0
VBO
IPP
0
A - Transil
B - Trisil
VBO
V
0
dV/dt
Voltage across
the Trisil



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13