Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN320 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce AN320
Description  In the field of parallel protection, the devices used have two main functions in transient operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN320 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button AN320 Datasheet HTML 5Page - STMicroelectronics AN320 Datasheet HTML 6Page - STMicroelectronics AN320 Datasheet HTML 7Page - STMicroelectronics AN320 Datasheet HTML 8Page - STMicroelectronics AN320 Datasheet HTML 9Page - STMicroelectronics AN320 Datasheet HTML 10Page - STMicroelectronics AN320 Datasheet HTML 11Page - STMicroelectronics AN320 Datasheet HTML 12Page - STMicroelectronics AN320 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN320
Physical operation
Doc ID 5649 Rev 3
9/13
2
Physical operation
A Trisil consists of two thyristors connected back to back. It will suffice to explain the
operation of one thyristor. The other operates in the same way if the voltage across the
component is reversed.
Figure 12.
Operation in the blocked mode
N+ +
1
N+ +
1
P1 +
P2 +
J 2
N 2
J 1
J 3
()
Leakage current
B
A
V
C
I
N
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13