Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN320 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce AN320
Description  In the field of parallel protection, the devices used have two main functions in transient operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN320 Fiches technique(HTML) 4 Page - STMicroelectronics

  AN320 Datasheet HTML 1Page - STMicroelectronics AN320 Datasheet HTML 2Page - STMicroelectronics AN320 Datasheet HTML 3Page - STMicroelectronics AN320 Datasheet HTML 4Page - STMicroelectronics AN320 Datasheet HTML 5Page - STMicroelectronics AN320 Datasheet HTML 6Page - STMicroelectronics AN320 Datasheet HTML 7Page - STMicroelectronics AN320 Datasheet HTML 8Page - STMicroelectronics AN320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Trisil characteristics
AN320
4/13
Doc ID 5649 Rev 3
Figure 5.
Return to standby operation
The surge current associated with the disturbance is diverted through the Trisil as soon as it
begins to operate in the avalanche mode (see Figure 3) and the voltage limitation results
from the electrical characteristic at this point. The behavior of the Trisil is here identical to
that of the Transil. The difference depends on the level of the breakover current, IBO, where
the triggering of the thyristor structures take place.
This phenomenon results in absolute limitation independently of the current level, and a
capacity to divert currents much higher than those possible for an avalanche diode (Transil).
Furthermore, this limitation is independent of the avalanche voltage of the device.
I
0
V
IH
VRM
IRM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13