| Moteur de recherche de fiches techniques de composants électroniques |
|
AN320 Fiches technique(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN320 Fiches technique(HTML) 1 Page - STMicroelectronics |
|
1 / 13 page ![]() July 2010 Doc ID 5649 Rev 3 1/13 AN320 Application note Operation of a Trisil™ crowbar type protection diode Introduction In the field of parallel protection, the devices used have two main functions in transient operation. ■ Limit the voltage. ■ Divert the surge current. If the first function is carried out perfectly by an avalanche junction, confirmed by the success of the Transil™ series, the second is limited by voltage permanently present across the diode terminals. Use of increasingly sophisticated but fragile electronic components and publication of new standards do not allow the use of Transil diodes in certain applications. This problem is solved by the use of a semiconductor device with two conducting states such as the thyristor (or Triac in the bidirectional version). STMicroelectronics has developed this type of component under the trade name of Trisil. This Application note describes the operation of the Trisil. Figure 1. I / V characteristic of a Trisil TM: Trisil is a trademark of STMicroelectronics TM: Transil is a trademark of STMicroelectronics IRM IBO IPP IH V I 0 C D A B Transient operation Standby operation VRM VBR VBO www.st.com |
Numéro de pièce similaire - AN320 |
|
Description similaire - AN320 |