Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN320 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce AN320
Description  In the field of parallel protection, the devices used have two main functions in transient operation
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN320 Fiches technique(HTML) 3 Page - STMicroelectronics

  AN320 Datasheet HTML 1Page - STMicroelectronics AN320 Datasheet HTML 2Page - STMicroelectronics AN320 Datasheet HTML 3Page - STMicroelectronics AN320 Datasheet HTML 4Page - STMicroelectronics AN320 Datasheet HTML 5Page - STMicroelectronics AN320 Datasheet HTML 6Page - STMicroelectronics AN320 Datasheet HTML 7Page - STMicroelectronics AN320 Datasheet HTML 8Page - STMicroelectronics AN320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AN320
Trisil characteristics
Doc ID 5649 Rev 3
3/13
Figure 3.
Avalanche characteristic of the Trisil
For current values higher than IBO, the voltage across the Trisil drops to a few volts and the
high currents permitted without damage are possible due to the low value of this voltage,
since the physical limit is dependent on the dissipated power (see Figure 4).
Figure 4.
Triggering, and on-state characteristics
The characteristic parameter is then the possibility of withstanding surge currents (peak-
point current, IPP).
Return to standby operation by turning off the Trisil takes place when the current flowing
through it drops below IH. This is the characteristic parameter for switching from the
conducting to the blocked state (see Figure 5).
I
V
IBO
VBR VBO
I
V
IPP
IBO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13