Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3393 Fiches technique(PDF) 48 Page - STMicroelectronics

No de pièce AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Fiches technique(HTML) 48 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 44Page - STMicroelectronics AN3393 Datasheet HTML 45Page - STMicroelectronics AN3393 Datasheet HTML 46Page - STMicroelectronics AN3393 Datasheet HTML 47Page - STMicroelectronics AN3393 Datasheet HTML 48Page - STMicroelectronics AN3393 Datasheet HTML 49Page - STMicroelectronics AN3393 Datasheet HTML 50Page - STMicroelectronics AN3393 Datasheet HTML 51Page - STMicroelectronics AN3393 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 103 page
background image
State machine
AN3393
48/103
DocID018750 Rev 4
Commands and their parameters are executed as one single-step command.
From state (n) it is only possible to have a transition either to the next state (n+1), or to the
state pointed by the reset point, or to continue in the same state (n).
Transition to the reset point occurs whenever the “RESET condition” is true.
Transition to the next step occurs whenever the “NEXT condition” is true and “RESET
condition” is false.
An interrupt is generated whenever the end state is reached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More