| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3393 Fiches technique(PDF) 76 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3393 Fiches technique(HTML) 76 Page - STMicroelectronics |
|
76 / 103 page ![]() Peak detection AN3393 76/103 DocID018750 Rev 4 In the second phase (State 2), a higher absolute peak value occurs on the positive X-axis. So, the new temporary mask is TMASK1 = +x, and the PEAK1 register is updated with the new peak value. Note also that the LNTH1 condition has not been validated when the acceleration on the Y- axis becomes lower than threshold 1, because in this second phase the temporary mask (TMASK) has been changed to +x (axis with highest peak). After the second phase (following states), there are no longer any higher absolute peak values on any axis. So, TMASK1 still contains +x axis, and the peak value is the one previously stored in the PEAK1 register. |