Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3393 Fiches technique(PDF) 85 Page - STMicroelectronics

No de pièce AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Fiches technique(HTML) 85 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 81Page - STMicroelectronics AN3393 Datasheet HTML 82Page - STMicroelectronics AN3393 Datasheet HTML 83Page - STMicroelectronics AN3393 Datasheet HTML 84Page - STMicroelectronics AN3393 Datasheet HTML 85Page - STMicroelectronics AN3393 Datasheet HTML 86Page - STMicroelectronics AN3393 Datasheet HTML 87Page - STMicroelectronics AN3393 Datasheet HTML 88Page - STMicroelectronics AN3393 Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 103 page
background image
DocID018750 Rev 4
85/103
AN3393
Examples of state machine configurations
103
Figure 25. Double-tap output
9.6
6D position recognition
In this example, the 6D position is recognized by using the LIS3DSH. An interrupt (INT1) is
generated when one of the 6 positions has been detected. When the interrupt occurs, the
new position is available in the OUTS1 (5Fh) register. Figure 26 and Table 93 show the
content of the OUTS1 register in the 6 different positions.
Figure 26. 6D positions
AM14790V1
AM14791V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More