| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3393 Fiches technique(PDF) 39 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3393 Fiches technique(HTML) 39 Page - STMicroelectronics |
|
39 / 103 page ![]() DocID018750 Rev 4 39/103 AN3393 Register description 103 4.48 SETT2 (7Bh) Setting of threshold, peak detection, and flags for State Machine 2 motion detection operations. Table 74. MASK2_A register description P_X 0 = X+ disabled, 1 =X+ enabled N_X 0 = X- disabled, 1 = X- enabled P_Y 0 = Y+ disabled, 1 = Y+ enabled N_Y 0 = Y- disabled, 1 = Y- enabled P_Z 0 = Z+ disabled, 1 = Z+ enabled N_Z 0 = Z- disabled, 1 = Z- enabled P_V 0 = V+ disabled, 1 = V+ enabled N_V 0 = V- disabled, 1 = V- enabled Table 75. SETT2 register P_DET THR3_SA ABS RADI D_CS THR3_MA R_TAM SITR Table 76. SETT2 register description P_DET SM2 peak detection. Default value: 0 0 = peak detection disabled, 1 = peak detection enabled. For more information about peak detection refer to Section 8. THR3_SA Default value: 0 0 = no action, 1 = threshold 3 limit value for axis and sign mask reset (MASK2_B) ABS Default value: 0 0 = unsigned thresholds, 1 = signed thresholds For more details refer to Section 7.2. RADI 0 = raw data; 1 = diff data for State Machine 2 D_CS 0 = DIFF2 enabled (difference between current data and previous data), 1 = constant shift enabled (difference between current data and constant values) THR3_MA Default value: 0 0 = no action, 1 = threshold 3 enabled for axis and sign mask reset (MASK2_A) R_TAM Next condition validation flag. Default value: 0 0 = mask frozen on the axis that triggers the condition, 1 = standard mask always evaluated. For more details about the temporary axis mask refer to Section 7.3. SITR Default value: 0 0 = no actions, 1 = STOP and CONT commands generate an interrupt and perform output actions as OUTC command. |