Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3393 Fiches technique(PDF) 47 Page - STMicroelectronics

No de pièce AN3393
Description  This document is intended to provide information
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3393 Fiches technique(HTML) 47 Page - STMicroelectronics

Back Button AN3393 Datasheet HTML 43Page - STMicroelectronics AN3393 Datasheet HTML 44Page - STMicroelectronics AN3393 Datasheet HTML 45Page - STMicroelectronics AN3393 Datasheet HTML 46Page - STMicroelectronics AN3393 Datasheet HTML 47Page - STMicroelectronics AN3393 Datasheet HTML 48Page - STMicroelectronics AN3393 Datasheet HTML 49Page - STMicroelectronics AN3393 Datasheet HTML 50Page - STMicroelectronics AN3393 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 103 page
background image
DocID018750 Rev 4
47/103
AN3393
State machine
103
Figure 8. Simple state machine
Each state includes NEXT/RESET conditions. The RESET condition is defined in the MSB
part while the NEXT condition is defined in the LSB part of the ST1_X and ST2_X registers.
As shown in Figure 9, the RESET condition is performed first, the NEXT condition is
performed only when the RESET condition is not satisfied. When both conditions (NEXT
and RESET) are not satisfied, the state machine waits for a new sample and starts the
evaluation again in the same state.
Figure 9. Single state description
AM14774V1
AM14775V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More