Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3108 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce AN3108
Description  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 28Page - STMicroelectronics AN3108 Datasheet HTML 29Page - STMicroelectronics AN3108 Datasheet HTML 30Page - STMicroelectronics AN3108 Datasheet HTML 31Page - STMicroelectronics AN3108 Datasheet HTML 32Page - STMicroelectronics AN3108 Datasheet HTML 33Page - STMicroelectronics AN3108 Datasheet HTML 34Page - STMicroelectronics AN3108 Datasheet HTML 35Page - STMicroelectronics AN3108 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
STLM75 library firmware
AN3108
32/44
Doc ID 16793 Rev 1
TS_InitI2C_Peripheral HAL function
Table 21 describes the TS_InitI2C_Peripheral function of the hardware abstraction layer.
TS_ResetI2C_Peripheral HAL function
Table 22 describes the TS_ResetI2C_Peripheral function of the hardware abstraction layer.
Table 21.
TS_InitI2C_Peripheral
Name
Description
Function name
TS_InitI2C_Peripheral
Function prototype
void TS_InitI2C_Peripheral(TS_I2C_SettingsType* pI2C_Settings)
Behavior description
Initialize and configure the I2C peripheral used by the micro in order to
manage the STLM75 temperature sensor device
Input parameter {x}
pI2C_Settings - I2C peripheral settings structure pointer
Output parameter {x}
None
Return value
None
Required preconditions
None
Called functions
None
Table 22.
TS_ResetI2C_Peripheral
Name
Description
Function name
TS_ResetI2C_Peripheral
Function prototype
void TS_ResetI2C_Peripheral(TS_I2C_SettingsType* pI2C_Settings)
Behavior description
Apply a software Reset on the I2C peripheral, e.g. in order to exit from an
I2C blocking error
Input parameter {x}
pI2C_Settings - I2C peripheral settings structure pointer
Output parameter {x}
None
Return value
None
Required preconditions
None
Called functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44