| Moteur de recherche de fiches techniques de composants électroniques |
|
AN3108 Fiches technique(PDF) 22 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN3108 Fiches technique(HTML) 22 Page - STMicroelectronics |
|
22 / 44 page ![]() STLM75 library firmware AN3108 22/44 Doc ID 16793 Rev 1 Example: TS_SignalsType TempSensorSignals; /* Enable GPIOB clock */ RCC_APB2PeriphClockCmd(RCC_APB2Periph_GPIOB, ENABLE); /* GPIO signals configuration */ /* Configure PB.10 as alternate function Open-Drain */ TempSensorSignals.TS_SCL.Port = GPIOB; TempSensorSignals.TS_SCL.Pin = GPIO_Pin_10; TempSensorSignals.TS_SCL.Mode = GPIO_Mode_AF_OD; /* Configure PB.11 as alternate function Open-Drain */ TempSensorSignals.TS_SDA.Port = GPIOB; TempSensorSignals.TS_SDA.Pin = GPIO_Pin_11; TempSensorSignals.TS_SDA.Mode = GPIO_Mode_AF_OD; /* Configure PB.12 as alternate function Open-Drain */ TempSensorSignals.TS_OS_INT.Port = GPIOB; TempSensorSignals.TS_OS_INT.Pin = GPIO_Pin_12; TempSensorSignals.TS_OS_INT.Mode = GPIO_Mode_AF_PP; pObjTempSensor->SetSignals(pObjTempSensor, &TempSensorSignals); TempSensor:: GetSignals API function Table 10 describes the GetSignals function of the TempSensor structure. Table 10. GetSignals Name Description Function name GetSignals Function prototype TS_SignalsType* GetSignals (TempSensorType* pThis) Behavior description Return the Signal collection structure pointer Input parameter {x} pThis - Object pointer Output parameter {x} None Return value The signals structure pointer |