Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3108 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce AN3108
Description  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 19Page - STMicroelectronics AN3108 Datasheet HTML 20Page - STMicroelectronics AN3108 Datasheet HTML 21Page - STMicroelectronics AN3108 Datasheet HTML 22Page - STMicroelectronics AN3108 Datasheet HTML 23Page - STMicroelectronics AN3108 Datasheet HTML 24Page - STMicroelectronics AN3108 Datasheet HTML 25Page - STMicroelectronics AN3108 Datasheet HTML 26Page - STMicroelectronics AN3108 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
AN3108
STLM75 library firmware
Doc ID 16793 Rev 1
23/44
TS_SignalsType*
pTempSensorSignals;
/* Get the Signals */
pTempSensorSignals = pObjTempSensor->GetSignals(pObjTempSensor);
TempSensor:: SetRegister API function
Table 11 describes the SetRegister function of the TempSensor structure.
This function can be considered as an advanced function for the final user who knows
STLM75 internal registers. This function call can be avoided by calling one of the following
specific functions:
SetConfiguration, SetTempHysteresis, SetTempOverLimit;
Note that calling the SetRegister advanced function instead of a specific one, internal
TempSensor object data (m_Configuration, m_TempHysteresis, m_TempOverLimit) is not
assigned.
Required preconditions
NewTempSensorObj function must have been called before.
Called functions
None
Table 11.
SetRegister
Name
Description
Function name
SetRegister
Function prototype
TS_ErrStatus SetRegister (TempSensorType* pThis,
TS_RegSelectionType eRegSelection, TS_u16 uRegValue)
Behavior description
Set the STLM75 register identified by eRegSelection type with the value
passed as parameter
Input parameter {x}
pThis - Object pointer;
eRegSelection - The type associated to the register to be set;
uRegValue
- The value to be assigned to the register. This is a 16-bit
value, so for the 8-bit register, only the LSB must be considered
Output parameter {x}
None
Return value
TS_OK if successful, TS_ERROR otherwise
Required preconditions
NewTempSensorObj, TempSensor:: Init functions must have been called
before.
Called functions
HAL function:
TS_ErrStatus TS_SetPointerRegister(…);
TS_ErrStatus TS_FillRegisterFromData(…);
Table 10.
GetSignals (continued)
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44