Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3108 Fiches technique(PDF) 31 Page - STMicroelectronics

No de pièce AN3108
Description  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 Fiches technique(HTML) 31 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 27Page - STMicroelectronics AN3108 Datasheet HTML 28Page - STMicroelectronics AN3108 Datasheet HTML 29Page - STMicroelectronics AN3108 Datasheet HTML 30Page - STMicroelectronics AN3108 Datasheet HTML 31Page - STMicroelectronics AN3108 Datasheet HTML 32Page - STMicroelectronics AN3108 Datasheet HTML 33Page - STMicroelectronics AN3108 Datasheet HTML 34Page - STMicroelectronics AN3108 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
AN3108
STLM75 library firmware
Doc ID 16793 Rev 1
31/44
} TS_StateType;
TS_SignalType type
/* The STLM75 Single Signal type */
typedef struct {
TS_PortType
Port;
TS_PinType
Pin;
TS_ModeType
Mode;
} TS_SignalType;
TS_I2C_SettingsType type
/* The STLM75 I2C Peripheral settings */
typedef struct {
TS_I2CType
TS_I2C_Ptr;
TS_u32
TS_I2C_Clock;
TS_u16
TS_I2C_Address;
} TS_I2C_SettingsType;
4.2.2
HAL functions
TS_ConfigSignal HAL function
Table 20 describes the TS_ConfigSignal function of the hardware abstraction layer.
Table 20.
TS_ConfigSignal
Name
Description
Function name
TS_ConfigSignal
Function prototype
void TS_ConfigSignal(TS_SignalType* pSignal)
Behavior description
Config the signal pin according to the passed parameters
Input parameter {x}
pSignal - Signal structure pointer
Output parameter {x}
None
Return value
None
Required preconditions
None
Called functions
None



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44