Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AN3108 Fiches technique(PDF) 13 Page - STMicroelectronics

No de pièce AN3108
Description  STLM75 firmware library for the STM32F10x
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3108 Fiches technique(HTML) 13 Page - STMicroelectronics

Back Button AN3108 Datasheet HTML 9Page - STMicroelectronics AN3108 Datasheet HTML 10Page - STMicroelectronics AN3108 Datasheet HTML 11Page - STMicroelectronics AN3108 Datasheet HTML 12Page - STMicroelectronics AN3108 Datasheet HTML 13Page - STMicroelectronics AN3108 Datasheet HTML 14Page - STMicroelectronics AN3108 Datasheet HTML 15Page - STMicroelectronics AN3108 Datasheet HTML 16Page - STMicroelectronics AN3108 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
AN3108
STLM75 library firmware
Doc ID 16793 Rev 1
13/44
DelTempSensorObj API global function
Table 5 describes the DelTempSensorObj function:
Example:
TempSensorType* pObjTempSensor;
TS_ErrStatus
errStatus;
...
errStatus = DelTempSensorObj(pTempSensorObj);
Figure 5.
Firmware library API and types
Table 5.
DelTempSensor API function
Name
Description
Function name
DelTempSensorObj
Function prototype
TS_ErrStatus DelTempSensorObj (TempSensorType** ppTempSensor)
Behavior description
Destroy the Object internal members and free the memory allocated when
NewTempSensorObj function is called.
Input parameter {x}
ppTempSensor - Object pointer
Output parameter {x}
None
Return value
TS_OK if successful, TS_ERROR otherwise
Required preconditions
NewTempSensorObj must have been called before
Called functions
No API/HAL layers functions;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44