Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0313 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 25Page - STMicroelectronics UM0313 Datasheet HTML 26Page - STMicroelectronics UM0313 Datasheet HTML 27Page - STMicroelectronics UM0313 Datasheet HTML 28Page - STMicroelectronics UM0313 Datasheet HTML 29Page - STMicroelectronics UM0313 Datasheet HTML 30Page - STMicroelectronics UM0313 Datasheet HTML 31Page - STMicroelectronics UM0313 Datasheet HTML 32Page - STMicroelectronics UM0313 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
UM0313
Supported commands
29/33
7.2.9
Firmware version
The *ver command queries the evaluation kit and returns the version of the firmware loaded
in the microprocessor.
7.3
Quick start
This section shows the basic sequence of commands to start a data communication session
and retrieve the acceleration data from the evaluation kit:
1.
connect the EK302DL to the USB port;
2.
start Microsoft© Hyper Terminal and configure it as described in section 7.1;
3.
inside the Hyper Terminal window, enter the command *Zoff to enable the control of the
SPI line from the ST7-USB microcontroller;
4.
send the *debug command to get the acceleration data measured from the sensor;
5.
send *stop to end the continuous acquisition and visualization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33