Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0313 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Fiches technique(HTML) 7 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 3Page - STMicroelectronics UM0313 Datasheet HTML 4Page - STMicroelectronics UM0313 Datasheet HTML 5Page - STMicroelectronics UM0313 Datasheet HTML 6Page - STMicroelectronics UM0313 Datasheet HTML 7Page - STMicroelectronics UM0313 Datasheet HTML 8Page - STMicroelectronics UM0313 Datasheet HTML 9Page - STMicroelectronics UM0313 Datasheet HTML 10Page - STMicroelectronics UM0313 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
UM0313
EK302DL GUI installation
7/33
2
EK302DL GUI installation
The installation of the Graphical User Interface (GUI) for the EK302DL requires two steps:
1.
installation on the PC of the software delivered with the evaluation kit.
2.
installation of the Virtual COM driver needed to use the evaluation kit board.
2.1
PC system requirements
Both the hardware and software that compose the EK302DL Evaluation Kit have been
designed to operate with Microsoft® Windows XP.
2.2
Software installation
To install the software distributed with the EK302DL Evaluation Kit:
1.
insert the mini CD into the CD-ROM drive;
2.
if the “Autorun” screen does not appear, click on Start > Run, then enter
“D:\Autorun.exe” and click OK. “D” represents the letter of your CD-ROM drive;
3.
click on “Evaluation Kit SW Installation” from the “EK302DL Evaluation Kit” page;
4.
follow the on screen instructions (Figure 4).
Figure 4.
Software installation
2.3
Hardware installation
To install the virtual COM driver, insert the evaluation kit board into a free USB port. The
“Notify” icon should appear as in Figure 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33