Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0313 Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 16Page - STMicroelectronics UM0313 Datasheet HTML 17Page - STMicroelectronics UM0313 Datasheet HTML 18Page - STMicroelectronics UM0313 Datasheet HTML 19Page - STMicroelectronics UM0313 Datasheet HTML 20Page - STMicroelectronics UM0313 Datasheet HTML 21Page - STMicroelectronics UM0313 Datasheet HTML 22Page - STMicroelectronics UM0313 Datasheet HTML 23Page - STMicroelectronics UM0313 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
Graphical User Interface
UM0313
20/33
Finally, two buttons are provided for each interrupt line to set the suggested default values
for free-fall and wake-up detection. Those buttons are marked “Set FreeFall Default” (ref 3)
and “Set Wake Up Default”, respectively (ref 4).
Figure 18.
Interrupt tab
ref 1
ref 2
ref 3
ref 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33