Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UM0313 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce UM0313
Description  The EK302DL is an evaluation kit designed to provide the user with a complete
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0313 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button UM0313 Datasheet HTML 5Page - STMicroelectronics UM0313 Datasheet HTML 6Page - STMicroelectronics UM0313 Datasheet HTML 7Page - STMicroelectronics UM0313 Datasheet HTML 8Page - STMicroelectronics UM0313 Datasheet HTML 9Page - STMicroelectronics UM0313 Datasheet HTML 10Page - STMicroelectronics UM0313 Datasheet HTML 11Page - STMicroelectronics UM0313 Datasheet HTML 12Page - STMicroelectronics UM0313 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
UM0313
EK302DL GUI installation
9/33
Figure 7.
USB driver installation using the Hardware Update Wizard
Once the installation is complete, a COM port number will be assigned to the ST Virtual
COM driver (Figure 8). This number should be retained as it will be required to run the
EK302DL Evaluation Software GUI. For additional details, see section 3.1.
6
5
3
7
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33