| Moteur de recherche de fiches techniques de composants électroniques |
|
UM0313 Fiches technique(PDF) 16 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UM0313 Fiches technique(HTML) 16 Page - STMicroelectronics |
|
16 / 33 page ![]() Graphical User Interface UM0313 16/33 3.5 “Plot” tab The Plot tab (Figure 13) is divided into three sections: ● “Main window” (ref 1) - Shows the sequence of acceleration samples that have been measured by the LIS302DL MEMS sensor mounted on the evaluation kit. ● “Visualization options” (ref 2) - Allows the user to enable/disable the trace related to each axis and to show/hide the marker on the plot diagram. ● “Zoom options” (ref 3) - Permits enlargement of the plot in the horizontal (Time) and vertical (Amplitude) directions and to move the center of the plot upward/downward with the “Up” and “Down” buttons. Figure 13. Plot tab ref 1 ref 2 ref 3 |